Part Number Hot Search : 
MAX92 SC4524 IR3C01 GRF300 TDA729 DB201 6039122 002228
Product Description
Full Text Search
 

To Download T2-2S2405H5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T
TRUMPower
DC/DC CONVERTERS
T2-H5 Series
5.2K VDC Isolation, 1.5-3 Watts
MODEL NUMBER
OUTPUT VOLTAGE 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC
OUTPUT CURRENT 300 125 100 150 63 50 400 167 133 200 83 67 600 250 200 300 125 100 mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA
OUTPUT POWER 1.5W 1.5W 1.5W 1.5W 1.5W 1.5W 2W 2W 2W 2W 2W 2W 3W 3W 3W 3W 3W 3W
5 VDC IN T2-1S0505H5 T2-1S0512H5 T2-1S0515H5 T2-1D0505H5 T2-1D0512H5 T2-1D0515H5 T2-2S0505H5 T2-2S0512H5 T2-2S0515H5 T2-2D0505H5 T2-2D0512H5 T2-2D0515H5 T2-3S0505H5 T2-3S0512H5 T2-3S0515H5 T2-3D0505H5 T2-3D0512H5 T2-3D0515H5
12 VDC IN T2-1S1205H5 T2-1S1212H5 T2-1S1215H5 T2-1D1205H5 T2-1D1212H5 T2-1D1215H5 T2-2S1205H5 T2-2S1212H5 T2-2S1215H5 T2-2D1205H5 T2-2D1212H5 T2-2D1215H5 T2-3S1205H5 T2-3S1212H5 T2-3S1215H5 T2-3D1205H5 T2-3D1212H5 T2-3D1215H5
24 VDC IN T2-1S2405H5 T2-1S2412H5 T2-1S2415H5 T2-1D2405H5 T2-1D2412H5 T2-1D2415H5 T2-2S2405H5 T2-2S2412H5 T2-2S2415H5 T2-2D2405H5 T2-2D2412H5 T2-2D2415H5 T2-3S2405H5 T2-3S2412H5 T2-3S2415H5 T2-3D2405H5 T2-3D2412H5 T2-3D2415H5
48 VDC IN T2-1S4805H5 T2-1S4812H5 T2-1S4815H5 T2-1D4805H5 T2-1D4812H5 T2-1D4815H5 T2-2S4805H5 T2-2S4812H5 T2-2S4815H5 T2-2D4805H5 T2-2D4812H5 T2-2D4815H5 T2-3S4805H5 T2-3S4812H5 T2-3S4815H5 T2-3D4805H5 T2-3D4812H5 T2-3D4815H5
Other input/output combinations available.
ELECTRICAL SPECIFICATIONS
All Specifications Typical @+25C, Nominal Line, and Full Load Unless Otherwise Noted.
PIN PIN CONNECTIONS SINGLE +V Input No Pin -V Output +V Output No Pin -V Input DUAL +V Input Common No Pin -V Output +V Output -V Input
INPUT SPECIFICATIONS Input Voltage Range................................................10% Input Filter............................................................Pi Filter OUTPUT SPECIFICATIONS Voltage Accuracy.............................................2%, Max. Voltage Balance, Balance Load......................2%, Max. Line Regulation.............................................0.5%, Max. Load Regulation, FL-10%FL. ........................0.5%, Max. Ripple and Noise, 20MHz BW................75 mVp-p, Max. Short Circuit Protection..................................Continuous Temperature Coefficient..........................0.02%/C, Max. GENERAL SPECIFICATIONS Efficiency..........................................................60%, Typ. Isolation Voltage, Input to Output...........5,200 VDC, Min. Isolation Resistance, 500 VDC.....................10 G, Min. Isolation Capacitance......................................60pF, Typ. Switching Frequency...................................125 kHz, Typ. Operating Temperature, No Derating.......-25C to +60C Storage Temperature Range..................-40C to +125C Cooling.............................................Free Air Convection MTBF per MIL-HDBK-217F @25C....... >600,000 Hours Weight...............................................0.42 oz. (12 grams) Case Material.....................Non-Conductive Black Plastic
1,2 10,11 12 13 15 23,24
0.08 (2.0) 1.25 (31.8) 0.10 (2.5)
24
1
BOTTOM VIEW
13 0.40 (10.2) 0.15 MIN. (3.8)
12 0.60 (15.2) 0.80 (20.3)
PIN SIZE: 0.02 (0.5) DIA. OR 0.02 X 0.01 INCH ALL DIMENSIONS IN INCHES (mm)
-01/2008-
Tumbler Technologies + TRUMPower * Santa Clara, CA * 408-988-6616 * sales@trumpower.com * www.TRUMPower.com


▲Up To Search▲   

 
Price & Availability of T2-2S2405H5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X